Part Number Hot Search : 
2SD866AP 74ACT151 72F521 RN1501 AD975 MM3005 135N03 2L64164A
Product Description
Full Text Search
 

To Download STT116GK08B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t h yristo r -t h yristor modules stt116gkxx b type STT116GK08B stt116gk12b stt116gk14b stt116gk16 b stt116gk18b v rrm v drm v 800 1200 1400 1600 1800 v rsm v dsm v 900 1300 1500 1700 1900 dimensions in mm (1mm=0.0394") symbol t est conditions maxi m um ratings unit t vj =t vjm t c =85 o c ; 180 o sine 180 116 a t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 2250 2400 2000 2150 a i tsm , i fsm t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 25300 23900 20000 19100 a 2 s i 2 dt (di/dt) cr 150 500 a/us ( d v/dt) cr t vj =t vjm ; v dr =2/3v drm r gk = ; method 1 (linear v oltage r ise) 1000 v/us p gm t vj =t vjm t p =30us i t =i t a vm t p =300us 10 5 w p g a v 0.5 w i trms , i frms i t a vm , i f a vm o c t vj t vjm t stg -40...+125 125 -40...+125 v isol 50/60hz, rms t=1min i isol <1ma t=1s 3000 3600 v~ m d mounting torque (m5) t e r minal connection torque (m5) _ 2.5-4.0/22-35 2.5-4.0/22-35 nm/l b .in. w eight 110 g t vj =t vjm repetiti v e , i t =250a f=50hz, t p =200us v d =2/3v drm i g =0.45a non repetiti v e , i t =i t a vm di g /dt=0.45a/us v rgm 10 v t ypical p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
t h yristo r -t h yristor modules stt116gkxx b symbol t est conditions characteristic v alues unit v v tm i tm =330a ; t vj =25 o c 1.50 v t o f or p o w er-loss calculations only (t vj =125 o c) 0.8 v r t 2.4 m v d =6 v ; t vj =25 o c t vj =-40 o c v gt 2.5 2.6 v v d =6 v ; t vj =25 o c t vj =-40 o c i gt 150 200 ma v gd t vj =t vjm ; v d =2/3v drm 0.2 v i gd 10 ma i h t vj =25 o c ; v d =6 v ; r gk = 200 ma t vj =25 o c ; t p =10us ; v d =6v i g =0.45a ; di g /dt=0.45a/us 450 ma i l per t h y r istor/diode ; dc current per module r thjc 0.270 0.135 k/w per t h y r istor/diode ; dc current per module r thjk 0.470 0.235 k/w d s creeping distance on sur f ace 12.7 mm d a st r i k e distance through air 9.6 mm a maxi m um all o w a b le accele r ation 50 m/s 2 i rrm , i drm t vj =t vjm ; v r =v rrm ; v d =v drm 5 ma t vj =25 o c ; v d =1/2v drm i g =0.45a ; di g /dt=0.45a/us t gd 2 us t vj =t vjm ; i t =150a ; t p =200us ; -di/dt=10a/us ty p . v r =100 v ; dv/dt=20v/us ; v d =2/3v drm t q 185 us uc q s t vj =t vjm ; i t , i f =50a ; -di/dt=6a/us 170 i rm 45 a a d v an t a ges * space and w eight s a vings * simple mounting with t w o scr e ws * impr o v ed tempe r ature and p o w er cycling * reduced protection circuits applic a tions * dc motor control * softsta r t a c motor controller * light, heat and tempe r ature control fe a tures * inte r national standard pa c kage * glass passi v ated chips * isolation v oltage 3600 v~ * ul file no.e310749 * rohs compliant * copper base plate p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
t h y r i s t o r - t h y r i s t o r m o d u l e s s t t 1 16 g kxx b / . 0 0 p t a v i t a v 2 5 5 0 w a s f i g . 1 l p o w e r d i s s i p a t i o n p e r t h y r i s t o r v s . o n - s t a t e c u r r e n t 0 0 p t a v 5 0 5 0 w 1 0 0 1 0 0 f i g . 1 r p o w e r d i s s i p a t i o n p e r t h y r i s t o r v s . a m b i e n t t e m p t a c o 1 5 0 k / w 1 r t h ( j - a ) / 0 0 p v t o t i r m s 1 0 0 5 0 1 5 0 w a f i g . 2 l p o w e r d i s s i p a t i o n p e r m o d u l e v s . r m s c u r r e n t 1 0 0 0 0 5 0 w 1 0 0 f i g . 2 r p o w e r d i s s i p a t i o n p e r m o d u l e v s . c a s e t e m p t a c o c o 1 5 0 k / w r t h ( c - a ) p v t o t 2 s t t 1 16b . 2 s t d 1 16b . 0 0 p v t o t 5 0 1 5 0 w a f i g . 3 l p o w e r d i s s i p a t i o n o f t w o m o d u l e s v s . d i r e c t c u r r e n t 1 0 0 i d 0 0 5 0 w 1 0 0 f i g . 3 r p o w e r d i s s i p a t i o n o f t w o m o d u l e s v s . c a s e t e m p t a t c c o c o 1 5 0 k / w p v t o t r t h ( c - a ) r l 200 150 100 50 75 100 125 150 1/2 . stt1 16b 1/2 . std1 16b rec. 15 30 60 90 120 sin. 180 rec. 180 cont. 150 200 3 2.5 2 1.6 1.4 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 300 400 200 200 250 300 1 stt1 16b 1 std1 16b . . 130 123 1 15 108 100 93 85 78 t c 70 100 200 300 400 2 1.5 1 0.8 0.7 0.6 0.5 0.4 0.35 0.3 0.25 0.2 0.17 0.13 0.1 200 250 300 250 500 750 250 500 750 130 1 19 108 96 85 74 1 0.6 0.5 0.4 0.3 0.25 0.2 0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
s t t b . 3 s t d 1 16 1 16 b . 0 0 p v t o t p v t o t i r m s 1 0 0 2 0 0 w a f i g . 4 l p o w e r d i s s i p a t i o n o f t h r e e m o d u l e s v s . d i r e c t a n d r m s c u r r e n t 5 0 0 i d w 3 b 6 0 0 5 0 w 1 0 0 f i g . 4 r p o w e r d i s s i p a t i o n o f t h r e e m o d u l e s v s . c a s e t e m p t a t c c o c o 1 5 0 k / w 5 0 0 3 s t t b . s t d b . 1 0 a / u s f i g . 5 r e c o v e r e d c h a r g e v s . c u r r e n t d e c r e a s e 1 0 0 1 / 2 1 / 2 u c t v j = c o 0 0 . 0 0 1 0 . 0 1 k / w 1 0 0 f i g . 6 t r a n s i e n t t h e r m a l i m p e d a n c e v s . t i m e t z t h s t t s t d b . 1 / 2 1 / 2 . z t h ( j - s ) z t h ( j - c ) 0 . 1 1 1 0 s 0 . 4 s t t c . s t d 1 16 1 16b b . 0 0 1 0 0 2 0 0 f i g . 7 o n - s t a t e c h a r a c t r i s t i c s 1 / 2 1 / 2 a 5 0 i t v t 0 . 5 1 1 . 5 2 v t y p . m a x . f i g . 8 s u r g e o v e r l o a d c u r r e n t v s . t i m e i t m = 1 t 1 0 1 0 0 m s 1 0 0 0 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 1 . 6 i t ( o v ) i t s m 2 s t t c s t d 1 16 1 16b b . 1 / 2 1 / 2 . 1 v r r m . 0 . 5 v r r m . 0 v r r m . i t s m ( 2 5 c ) = 2 2 5 0 a o i t s m ( 1 3 0 c ) = 1 9 0 0 a o t h y r i s t o r - t h y r i s t o r m o d u l e s s t t 1 16 g kxx 250 750 300 1000 250 750 1000 130 1 19 109 98 88 77 r t h ( c a ) - 0.7 0.5 0.4 0.3 0.24 0.2 0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 130 1 16 1 16 100 1000 10000 qrr 1 -di /dt t a 2 0 a 5 0 a 1 0 0 a 200 a 500 1 16b 1 16 0.1 0.2 0.3 0.5 0.6 300 tvj=25 c o _ _ tvj=125 c o - - p4 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of STT116GK08B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X